Part Number Hot Search : 
02K100 NB7232 SD6864 BS0505 2SK35 SB2530 MV8141 1122I
Product Description
Full Text Search
 

To Download 2SC4615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
Silicon NPN Triple Diffused Type Transistor 2SC4615
TO-252
+0.15 1.50 -0.15
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
Features
Large current calcity (IC=1A)
+0.2 9.70 -0.2
+0.15 6.50-0.15 +0.2 5.30-0.2
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation TC=25 Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO ICP IC PC Rating 400 400 5 2 1 1 15 150 -55 to +150 Unit V V V A A W W
3.80
High blocking voltage(VCEO
400V)
www.kexin.com.cn
1
SMD Type
2SC4615
Electrical Characteristics Ta = 25
Parameter Collector cut-off Current Emitter Cut-off Current DC Current Gain Gain-Bandwidth product C-E Saturation Voltage B-E Saturation Voltage C-B Breakdown Voltage C-E Breakdown Voltage E-B Breakdown Voltage Output capacitance Turn-ON Time Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) V(BR)CBO V(BR)CEO V(BR)EBO cob ton Testconditons VCB=300V,IE=0 VEB=4V,IC=0 VCE=10V,IC=100mA VCE=10V,IC=50mA IC=200mA,IB=20mA IC=200mA,IB=20mA IC=10iA,IE=0 IC=1mA,RBE= IE=10iA,IC=0 VCB=30V,f=1MHz 400 400 5 40 Min
Transistors
Typ
Max 1 1 200
Unit iA iA
70 1 1
MHz V V V V V
8 11
pF
Storage Time
tstg
4
is
Fall Time
tr Unit (Resistance:U ,Capacitance:F)
0.65
hFE Classification
TYPE hFE C 40 to 80 D 60 to 120 E 100 to 200
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC4615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X